| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9SQL4958CNDGI8 bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9SQL4958CNDGI8 bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp |
|
27 / 30 page ![]() 27 ©2020 Renesas Electronics Corporation February 19, 2020 9SQL4952/9SQL4954/9SQL4958 Datasheet Package Outline Drawings The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is the most current data available. 9SQL4952: www.idt.com/document/psc/nlnlg24p1-package-outline-40-x-40-mm-body-05-mm-pitch-qfn-epad-size-245-x-245-mm 9SQL4954: www.idt.com/document/psc/32-vfqfpn-package-outline-drawing-50-x-50-x-090-mm-body-epad-315-x-315-mm-nlg32p1 9SQL4958: www.idt.com/document/psc/48-vfqfpn-package-outline-drawing-60-x-60-x-090-mm-body-epad-42-x-42-mm-040mm-pitch-ndg48p2 Marking Diagrams 9SQL4952 9SQL4954 9SQL4958 ▪ Line 1: truncated part number. ▪ Line 2: • “YYWW” is the last two digits of the year and the work week the part was assembled. • “$” denotes the mark code. ▪ “LOT” denotes the lot number. ▪ Lines 1, 2 and 3: part number. ▪ Line 4: • “YYWW” is the last two digits of the year and the work week the part was assembled. • “$” denotes the mark code. ▪ “LOT” denotes the lot number. ▪ Lines 1 and 2: part number. ▪ Line 3: • “YYWW” is the last two digits of the year and the work week the part was assembled. • “$” denotes the mark code. ▪ “LOT” denotes the lot number. |