công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS9LRS3165B bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện ICS9LRS3165B
Giải thích chi tiết về linh kiện  64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LRS3165B bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  ICS9LRS3165B Datasheet HTML 1Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 2Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 3Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 4Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 5Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 6Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 7Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 8Page - Renesas Technology Corp ICS9LRS3165B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
IDT®
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1533B—01/06/15
9LRS3165B
64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator + Integrated Series Resistor
4
TSSOP Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
33
SRCT_LR11/CR#_H
I/O
SRC11 true or Clock Request control H for SRC10 pair
The power-up default is SRC11, but this pin may also be used as a Clock Request
control of SRC10 via SMBus. Before configuring this pin as a Clock Request Pin, the
SRC11 output pair must first be disabled in byte 3, bit 7 of SMBus configuration
space After the SRC11 output is disabled (high-Z), the pin can then be set to serve
as a Clock Request for SRC10 pair using byte 6, bit 4 of SMBus configuration space
Byte 6, bit 4
0 = SRC11 enabled (default)
1= CR#_H controls SRC10.
34
SRCT_LR10
OUT True clock of differential SRC clock pair.
35
SRCC_LR10
OUT Complement clock of differential SRC clock pair.
36
VDDSRCI/O
PWR
1.05V to 3.3V from external power supply
37
CPU_STOP#
IN
Stops all CPU Clocks, except those set to be free running clocks. In AMT mode 3
bits are shifted in from the ICH to set the FSC, FSB, FSA values
38
PCI_STOP#
IN
Stops all PCI Clocks, except those set to be free running clocks. In AMT mode 3 bits
are shifted in from the ICH to set the FSC, FSB, FSA values
39
VDDSRC
PWR VDD pin for SRC Pre-drivers, 3.3V nominal
40
SRCC_LR6
OUT Complement clock of low power differential SRC clock pair.
41
SRCT_LR6
OUT True clock of low power differential SRC clock pair.
42
GNDSRC
PWR Ground for SRC clocks
43
SRCC_LR7/CR#_E
I/O
SRC7 complement or Clock Request control E for SRC6 pair
The power-up default is SRC7#, but this pin may also be used as a Clock Request
control of SRC6 via SMBus. Before configuring this pin as a Clock Request Pin, the
SRC7 output pair must first be disabled in byte 3, bit 3 of SMBus configuration space
. After the SRC output is disabled (high-Z), the pin can then be set to serve as a
Clock Request for SRC6 pair using byte 6, bit 7 of SMBus configuration space
Byte 6, bit 7
0 = SRC7# enabled (default)
1= CR#_E controls SRC6.
44
SRCT_LR7/CR#_F
I/O
SRC7 true or Clock Request control 8 for SRC8 pair
The power-up default is SRC7, but this pin may also be used as a Clock Request
control of SRC8 via SMBus. Before configuring this pin as a Clock Request Pin, the
SRC7 output pair must first be disabled in byte 3, bit 3 of SMBus configuration space
After the SRC output is disabled (high-Z), the pin can then be set to serve as a Clock
Request for SRC8 pair using byte 6, bit 6 of SMBus configuration space
Byte 6, bit 6
0 = SRC7# enabled (default)
1 = CR#_F controls SRC8.
45
VDDSRCI/O
PWR
1.05V to 3.3V from external power supply
46
CPUC_ITP_LR2/SRCC8
OUT
Complement clock of low power differential CPU2/Complement clock of differential
SRC pair. The function of this pin is determined by the latched input value on pin 7,
PCIF5/ITP_EN on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8#
1 = ITP#
47
CPUT_ITP_LR2/SRCT8
OUT
True clock of low power differential CPU2/True clock of differential SRC pair. The
function of this pin is determined by the latched input value on pin 7, PCIF5/ITP_EN
on powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8
1 = ITP
48
NC
N/A
No Connect
49
VDDCPU_IO
PWR
1.05V to 3.3V from external power supply
50
CPUC_F_LR1
OUT
Complement clock of low power differenatial CPU clock pair. This clock will be free-
running during iAMT.
51
CPUT_F_LR1
OUT
True clock of low power differential CPU clock pair. This clock will be free-running
during iAMT.
52
GNDCPU
PWR Ground Pin for CPU Outputs
53
CPUC_LR0
OUT Complement clock of low power differential CPU clock pair.
54
CPUT_LR0
OUT True clock of low power differential CPU clock pair.
55
VDDCPU
PWR Power Supply 3.3V nominal.
56
CK_PWRGD/PD#
IN
Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode
57
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time input to
select between Hi-Z and REF/N divider mode while in test mode. Refer to Test
Clarification Table.
58
GNDREF
PWR Ground pin for crystal oscillator circuit
59
X2
OUT Crystal output, nominally 14.318MHz.
60
X1
IN
Crystal input, Nominally 14.318MHz.
61
VDDREF
PWR Power pin for the REF outputs, 3.3V nominal.
62
REF/FSLC/TEST_SEL
I/O
3.3V 14.318MHz reference clock/3.3V tolerant low threshold input for CPU frequency
selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values/
TEST_SEL: 3-level latched input to enable test mode. Refer to Test Clarification
Table.
63
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
64
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com