| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9LPRS477C bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9LPRS477C bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 25 page ![]() IDT® Programmable System Clock Chip for ATI RD790-K8TM Based Systems 1393—01/28/14 9LPRS477C Programmable System Clock Chip for ATI RD790 - K8TM based Systems 9 General SMBus serial interface information for the 9LPRS477C How to Write: • Controller (host) sends a start bit. • Controller (host) sends the write address D2 (H) • ICS clock will acknowledge • Controller (host) sends the beginning byte location = N • ICS clock will acknowledge • Controller (host) sends the data byte count = X • ICS clock will acknowledge • Controller (host) starts sending Byte N through Byte N + X -1 • ICS clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read: • Controller (host) will send start bit. • Controller (host) sends the write address D2 (H) • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) will send a separate start bit. • Controller (host) sends the read address D3 (H) • ICS clock will acknowledge • ICS clock will send the data byte count = X • ICS clock sends Byte N + X -1 • ICS clock sends Byte 0 through byte X (if X (H) was written to byte 8). • Controller (host) will need to acknowledge each byte • Controller (host) will send a not acknowledge bit • Controller (host) will send a stop bit ICS (Slave/Receiver) T WR ACK ACK ACK ACK ACK P Byte N + X - 1 Data Byte Count = X Beginning Byte N stoP bit Index Block Write Operation Slave Address *D0(H) Beginning Byte = N WRite starT bit Controller (Host) T starT bit WR WRite RT Repeat starT RD ReaD Beginning Byte N Byte N + X - 1 N Not acknowledge PstoP bit ICS (Slave/Receiver) Controller (Host) ACK ACK Data Byte Count = X ACK Slave Address *D1(H) Index Block Read Operation Slave Address *D0(H) Beginning Byte = N ACK ACK |