| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSC211IQT bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC211IQT bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 38 page ![]() 1 Pin connections and description Figure 1. Pin connections (top view) Table 1. Pin description Name SC70-6 QFN10 Description REF 1 8 Reference voltage input GND 2 9 Ground Vcc 3 6 Power supply voltage Vin+ 4 2, 3 Connection to the external sense resistor Vin- 5 4, 5 Connection to the external sense resistor OUT 6 10 Output voltage NC 1, 7 Not connected(1) 1. Pins can be left floating or connected to VCC or GND. TSC210, TSC211, TSC212, TSC213, TSC214, TSC215 Pin connections and description DS13237 - Rev 6 page 2/38 |