| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM30T180AY bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SM30T180AY bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 16 page ![]() 1 Characteristics Table 1. Absolute maximum ratings (Tamb = 25 °C) Symbol Parameter Value Unit VPP Peak pulse voltage ISO10605 (C = 330 pF, R = 330 Ω): Contact discharge Air discharge 30 30 kV ISO10605 / IEC 61000-4-2 (C = 150 pF, R = 330 Ω) Contact discharge Air discharge 30 30 PPP Peak pulse power dissipation Tj initial = Tamb 3000 W Tstg Storage temperature range -65 to +175 °C Tj Operating junction temperature range -55 to +175 °C TL Maximum lead temperature for soldering during 10 s 260 °C Figure 1. Electrical characteristics - parameter definitions Figure 2. Pulse definition for electrical characteristics SM30TxxAY, SM30TxxCAY Characteristics DS8599 - Rev 12 page 2/16 |