công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM30T117AY bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện SM30T117AY
Giải thích chi tiết về linh kiện  Automotive 3000 W TVS in SMC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T117AY bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button SM30T117AY Datasheet HTML 8Page - STMicroelectronics SM30T117AY Datasheet HTML 9Page - STMicroelectronics SM30T117AY Datasheet HTML 10Page - STMicroelectronics SM30T117AY Datasheet HTML 11Page - STMicroelectronics SM30T117AY Datasheet HTML 12Page - STMicroelectronics SM30T117AY Datasheet HTML 13Page - STMicroelectronics SM30T117AY Datasheet HTML 14Page - STMicroelectronics SM30T117AY Datasheet HTML 15Page - STMicroelectronics SM30T117AY Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
4
Ordering information
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
SM30TxxAY/CAY(1)
See Table 6. Marking.
SMC
0.25 g
2500
Tape and reel
1. Where xx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version.
SM30TxxAY, SM30TxxCAY
Ordering information
DS8599 - Rev 12
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16