| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSC211 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC211 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 38 page ![]() Figure 44 suggests a possible routing for the TSC21x, in order to minimize as much as possible parasitic effect. Figure 44. Recommended layout 6.11 EMI rejection ration (EMIRR) The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of a current sensing device. An adverse effect that is common to many current sensings is a change in the offset voltage as a result of RF signal rectification. A first order internal low pass filter is included on the input of the TSC21x to minimize susceptibility to EMIRR. Figure 45 shows the EMIRR on pin IN+, Figure 46 shows the EMIRR on pin IN- of the TSC21x measured from 10 MHz up to 2.4 GHz. Figure 45. EMIRR on pin+ Figure 46. EMIRR on pin- TSC210, TSC211, TSC212, TSC213, TSC214, TSC215 EMI rejection ration (EMIRR) DS13237 - Rev 6 page 23/38 |