| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G0C1NET7 bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET7 bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 159 page ![]() DS13564 Rev 4 37/159 STM32G0C1xC/xE Pinouts, pin description and alternate functions 56 4 Pinouts, pin description and alternate functions The devices housed in 32-pin, 48-pin, and 64-pin packages come in two variants - “GP” and “N” (the latter with ordering code having N behind the temperature range digit). Refer to Table 2: Features and peripheral counts for differences. Figure 3. STM32G0C1VxT LQFP100 pinout 1. The I/O pins supplied by VDDIO2 are shown in gray. Top view LQFP100 1 2 3 4 5 6 7 8 9 10 11 12 54 53 52 51 62 61 60 59 58 57 56 55 13 14 15 16 66 65 64 63 17 18 19 20 21 22 23 24 25 71 70 69 68 67 75 74 73 72 VDDIO2 VSS PF8 PA13 PA12 [PA10] PA11 [PA9] PA10 PA15 PD9 PD8 PC7 PC6 PD15 PD14 PD13 PD12 PB15 PB14 PB13 PB12 PB9 PC10 PC11 PE4 PE5 VBAT PC14-OSC32_IN PC15-OSC32_OUT PA8 PF0-OSC_IN PF2-NRST PF3 PF4 PF5 PC0 PC2 VSS/VSSA PC1 VDD/VDDA PA0 PC13 PF1-OSC_OUT PC12 PE6 VREF+ PC3 PA9 PD11 PD10 PA14-BOOT0 |