| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G0C1NET7 bảng dữ liệu(PDF) 138 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET7 bảng dữ liệu(HTML) 138 Page - STMicroelectronics |
|
138 / 159 page ![]() Package information STM32G0C1xC/xE 138/159 DS13564 Rev 4 Figure 50. WLCSP52 - Recommended footprint b 0.23 0.26 0.28 0.009 0.010 0.011 D 3.06 3.09 3.12 0.120 0.122 0.123 E 3.12 3.15 3.18 0.123 0.124 0.125 e - 0.40 - - 0.016 - e1 - 2.40 - - 0.094 - e2 - 2.42 - - 0.095 - F(4) - 0.35 - - 0.014 - G(4) - 0.36 - - 0.014 - N- - 0.10 - - 0.004 aaa - - 0.10 - - 0.004 bbb - - 0.10 - - 0.004 ccc - - 0.05 - - 0.002 ddd - - 0.05 - - 0.002 eee - - 0.58 - - 0.023 1. Values in inches are converted from mm and rounded to 3 decimal digits. 2. The maximum total package height is calculated by the RSS method (Root Sum Square) using nominal and tolerances values of A1 and A2. 3. Back side coating. Nominal dimension is rounded to the 3rd decimal place resulting from process capability. 4. Calculated dimensions are rounded to the 3rd decimal place Table 84. WLCSP52 - Mechanical data (continued) Symbol millimeters inches(1) Min Typ Max Min Typ Max BGA_WLCSP_FT_V1 Dsm Dpad |