| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACTS74HMSR bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ACTS74HMSR bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 3 page ![]() 2 ACTS74MS Functional Diagram TRUTH TABLE INPUTS OUTPUTS SET RESET CP D Q Q L H XXH L HL X X L H L L X X H (Note 2) H (Note 2) HH HH L HH L L H H H L X Q0 Q0 H = High Level (Steady State) L = Low Level (Steady State) X = Don’t Care = Transition from Low to High Level NOTES: 1. Q0 = the level of Q before the indicated input conditions were es- tablished. 2. This configuration is nonstable, that is, it will not persist when set and reset inputs return to their inactive (high) level. 4(10) P N 2(12) CL CL P N CL CL 3(11) P N CL CL P N CL CL CL CL 6(8) 5(9) Q Q Cp R 1(13) D S Spec Number 518787 All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification. Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reli- able. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com |