công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8AF6388TAX bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STM8AF6388TAX
Giải thích chi tiết về linh kiện  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6388TAX bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STM8AF6388TAX Datasheet HTML 5Page - STMicroelectronics STM8AF6388TAX Datasheet HTML 6Page - STMicroelectronics STM8AF6388TAX Datasheet HTML 7Page - STMicroelectronics STM8AF6388TAX Datasheet HTML 8Page - STMicroelectronics STM8AF6388TAX Datasheet HTML 9Page - STMicroelectronics STM8AF6388TAX Datasheet HTML 10Page - STMicroelectronics STM8AF6388TAX Datasheet HTML 11Page - STMicroelectronics STM8AF6388TAX Datasheet HTML 12Page - STMicroelectronics STM8AF6388TAX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
DocID031156 Rev 1
9/116
STM8AF6388
Introduction
114
1
Introduction
This datasheet refers to the STM8AF6388 products with 32 to 128 Kbytes of program
memory.
In the order code, the letter ‘F’ refers to product versions with Flash and data EEPROM and
‘P’ to product versions with FASTROM. The identifiers ‘F’ and ‘P’ do not coexist in a given
order code.
The datasheet contains the description of family features, pinout, electrical characteristics,
mechanical data and ordering information.
•
For complete information on the STM8A microcontroller memory, registers and
peripherals, please refer to STM8S series and STM8AF series 8-bit microcontrollers
reference manual (RM0016).
•
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM8S and STM8A Flash programming manual (PM0051).
•
For information on the debug and SWIM (single wire interface module) refer to the
STM8 SWIM communication protocol and debug module user manual (UM0470).
•
For information on the STM8 core, please refer to the STM8 CPU programming manual
(PM0044).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More