công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25TV16K bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện ST25TV16K
Giải thích chi tiết về linh kiện  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV16K bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button ST25TV16K Datasheet HTML 31Page - STMicroelectronics ST25TV16K Datasheet HTML 32Page - STMicroelectronics ST25TV16K Datasheet HTML 33Page - STMicroelectronics ST25TV16K Datasheet HTML 34Page - STMicroelectronics ST25TV16K Datasheet HTML 35Page - STMicroelectronics ST25TV16K Datasheet HTML 36Page - STMicroelectronics ST25TV16K Datasheet HTML 37Page - STMicroelectronics ST25TV16K Datasheet HTML 38Page - STMicroelectronics ST25TV16K Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
•
UID (optional)
•
Block number
•
Data
Table 50. Write Single Block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter. The response is sent back after the writing cycle.
Table 51. Write Single Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set(1)
–
03h: command option not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
12h: the specified block is locked or protected and its contents cannot be changed
–
13h: the specified block was not successfully programmed
1. For more details, see Figure 3. Memory organization
Figure 11. Write Single Block frame exchange between VCD and ST25TV16K/64K
SOF
Write Single
Block request
VCD
EOF
ST25TV16K/64K
t1
SOF
Write Single
Block response
EOF
SOF
Write Single
Block response
EOF
ST25TV16K/64K
Wt
Write sequence
when error
6.4.9
Extended Write Single Block
On receiving the Extended Write Single command, the ST25TV16K/64K writes the data contained in the request
to the targeted block and reports whether the write operation was successful in the response. When the
Option_flag is set, wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25TV16K/64K may not program correctly the data into the memory. The Wt time is equal to t1nom + N ×
302 µs (N is an integer).
ST25TV16K ST25TV64K
RF Commands
DS11489 - Rev 9
page 35/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com