công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32C011F6Y3 bảng dữ liệu(PDF) 29 Page - STMicroelectronics

tên linh kiện STM32C011F6Y3
Giải thích chi tiết về linh kiện  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6Y3 bảng dữ liệu(HTML) 29 Page - STMicroelectronics

Back Button STM32C011F6Y3 Datasheet HTML 25Page - STMicroelectronics STM32C011F6Y3 Datasheet HTML 26Page - STMicroelectronics STM32C011F6Y3 Datasheet HTML 27Page - STMicroelectronics STM32C011F6Y3 Datasheet HTML 28Page - STMicroelectronics STM32C011F6Y3 Datasheet HTML 29Page - STMicroelectronics STM32C011F6Y3 Datasheet HTML 30Page - STMicroelectronics STM32C011F6Y3 Datasheet HTML 31Page - STMicroelectronics STM32C011F6Y3 Datasheet HTML 32Page - STMicroelectronics STM32C011F6Y3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
DS13866 Rev 3
29/94
STM32C011x4/x6
Pinouts, pin description and alternate functions
31
Note
Upon reset, all I/Os are set as analog inputs, unless otherwise specified.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 11. Terms and symbols used in Table 12 (continued)
Column
Symbol
Definition
Table 12. Pin assignment and description
Pin
Pin name
(function
upon reset)
Alternate
functions
Additional
functions
1B3
2
20
PC14-
OSCX_IN
(PC14)
I/O
FT
-
USART1_TX, TIM1_ETR,
TIM1_BKIN2, IR_OUT,
USART2_RTS_DE_CK, TIM17_CH1,
TIM3_CH2, I2C1_SDA, EVENTOUT
OSCX_IN
8A4
3
1
PC15-
OSCX_OUT
(PC15)
I/O
FT
-
OSC32_EN, OSC_EN, TIM1_ETR,
TIM3_CH3
OSCX_OUT
2
C4
4
2
VDD/VDDA
S
-
-
-
-
3
E4
5
3
VSS/VSSA
S
-
-
-
-
4
F3
6
4
PF2-NRST
I/O
-
-
MCO, TIM1_CH4
NRST
4F3
7
5
PA0
I/O
FT
-
USART2_CTS, TIM16_CH1,
USART1_TX, TIM1_CH1
ADC_IN0, WKUP1
4F3
8
6
PA1
I/O
FT
-
SPI1_SCK/I2S1_CK,
USART2_RTS_DE_CK, TIM17_CH1,
USART1_RX, TIM1_CH2,
I2C1_SMBA, EVENTOUT
ADC_IN1
4F3
9
7
PA2
I/O
FT
-
SPI1_MOSI/I2S1_SD, USART2_TX,
TIM16_CH1N, TIM3_ETR,
TIM1_CH3
ADC_IN2,
WKUP4,LSCO
-F1 10
8
PA3
I/O
FT
-
USART2_RX, TIM1_CH1N,
TIM1_CH4, EVENTOUT
ADC_IN3
-F1 11
9
PA4
I/O
FT
-
SPI1_NSS/I2S1_WS, USART2_TX,
TIM1_CH2N, TIM14_CH1,
TIM17_CH1N, EVENTOUT
ADC_IN4, RTC_TS,
RTC_OUT1, WKUP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94