| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF6388UCY bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6388UCY bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 116 page ![]() DocID031156 Rev 1 9/116 STM8AF6388 Introduction 114 1 Introduction This datasheet refers to the STM8AF6388 products with 32 to 128 Kbytes of program memory. In the order code, the letter ‘F’ refers to product versions with Flash and data EEPROM and ‘P’ to product versions with FASTROM. The identifiers ‘F’ and ‘P’ do not coexist in a given order code. The datasheet contains the description of family features, pinout, electrical characteristics, mechanical data and ordering information. • For complete information on the STM8A microcontroller memory, registers and peripherals, please refer to STM8S series and STM8AF series 8-bit microcontrollers reference manual (RM0016). • For information on programming, erasing and protection of the internal Flash memory please refer to the STM8S and STM8A Flash programming manual (PM0051). • For information on the debug and SWIM (single wire interface module) refer to the STM8 SWIM communication protocol and debug module user manual (UM0470). • For information on the STM8 core, please refer to the STM8 CPU programming manual (PM0044). |