công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32C011D4P6 bảng dữ liệu(PDF) 38 Page - STMicroelectronics

tên linh kiện STM32C011D4P6
Giải thích chi tiết về linh kiện  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4P6 bảng dữ liệu(HTML) 38 Page - STMicroelectronics

Back Button STM32C011D4P6 Datasheet HTML 34Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 35Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 36Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 37Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 38Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 39Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 40Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 41Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
Electrical characteristics
STM32C011x4/x6
38/94
DS13866 Rev 3
2. A positive injection is induced by VIN > VDDIOx while a negative injection is induced by VIN < VSS. IINJ(PIN) must never be
exceeded. Refer also to Table 20: Voltage characteristics for the maximum allowed input voltage values.
3. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of the negative
injected currents (instantaneous values).
Table 22. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
130
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94