| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSB512IYST bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSB512IYST bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 26 page ![]() 2 Maximum ratings Table 4. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage (1) + 40 or ± 20 V VID Differential input voltage (2) ± 2 V VIN Input voltage (3) (VCC-) - 0.2 to (VCC+) + 0.2 V IIN Input current (3) ± 10 mA Tstg Storage temperature - 65 to 150 °C Tj Junction temperature 150 °C Rth-ja Thermal resistance junction to ambient (4) (5) SOT23-5 MiniSO8 SO8 SO14 TSSOP14 250 190 125 105 100 °C/W ESD Human Body Model (HBM) (6) 2 kV Charged Device Model (CDM) (7) 1 1. All voltage values, except differential voltage, are with respect to network ground terminal. 2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal. 3. Input voltage may be extended to the condition that the input current is limited to +/-10 mA. Input current must be limited by a resistor in series with the inputs when the input voltage is beyond the rails or the differential input voltage is above +/-2 V. 4. Rth are typical values. 5. Short-circuits can cause excessive heating and destructive dissipation. 6. According to JEDEC standard JESD22-A114F. 7. According to ANSI/ESD STM5.3.1. Table 5. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.7 to 36 V VICM Common mode voltage on input pins (VCC-) to (VCC+) + 0.1 V T Operating free-air temperature range -40 to 125 °C TSB511, TSB512, TSB514 Maximum ratings DS13885 - Rev 1 page 4/26 |