| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5KP22 bảng dữ liệu(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
5KP22 bảng dữ liệu(HTML) 3 Page - Microsemi Corporation |
|
3 / 4 page ![]() 5000 W TRANSIENT VOLTAGE SUPPRESSOR SCOTTSD A L E DIVISION 5KP5.0 thru 5KP110A MICROSEMI PART NUMBER REVERSE STAND-OFF VOLTAGE VWM (Note 1) VOLTS BREAKDOWN VOLTAGE V(BR) V(BR) @ I(BR) VOLTS mA MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS MAXIMUM STANDBY CURRENT ID @ VWM µA MAXIMUM PEAK PULSE CURRENT IPP (FIG. 3) A MAXIMUM TEMPERATURE COEFFICIENT VARIATION OF V(BR) αV(BR) mV/ ºC 5KP54 5KP54A 5KP58 5KP58A 54 54 58 58 60.0 – 73.3 60.0 – 66.3 64.4 – 78.7 64.4 – 71.2 5 5 5 5 96.3 87.1 103.0 93.6 10 10 10 10 52 57 49 53 70 64 77 69 5KP60 5KP60A 5KP64 5KP64A 60 60 64 64 66.7 – 81.5 66.7 – 73.7 71.1 – 86.9 71.1 – 78.6 5 5 5 5 107.0 96.8 114.0 103.0 10 10 10 10 47 52 44 49 79 70 85 75 5KP70 5KP70A 5KP75 5KP75A 70 70 75 75 77.8 – 95.1 77.8 – 86.0 83.3 – 102.0 83.3 – 92.1 5 5 5 5 125 113 134 121 10 10 10 10 40 44 37 41 93 84 100 90 5KP78 5KP78A 5KP85 5KP85A 78 78 85 85 86.7 – 106.0 86.7 – 95.8 94.4 – 115.0 94.4 – 104.0 5 5 5 5 139 126 151 137 10 10 10 10 36 40 33 36 104 94 113 102 5KP90 5KP90A 5KP100 5KP100A 90 90 100 100 100 – 122 100 – 111 111 – 136 111 – 123 5 5 5 5 160 146 179 162 10 10 10 10 31 34 28 31 120 109 134 122 5KP110 5KP110A 110 110 122 – 149 122 - 135 5 5 196 177 10 10 26 28 147 132 NOTE 1: Transient Voltage Suppressors are normally selected with reverse “Stand Off Voltage” VWM which should be equal to or greater than the dc or continuous peak operating voltage level. NOTE 2: For bidirectional construction, indicate a C or CA suffix after the part number. SYMBOLS & DEFINITIONS Symbol Definition Symbol Definition VWM Working Peak (Standoff) Voltage IPP Peak Pulse Current PPP Peak Pulse Power VC Clamping Voltage V(BR) Breakdown Voltage I(BR) Breakdown Current for V(BR) ID Standby Current Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 3 Copyright 2002 6-09-2003 REV A |