| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U535CB/CC/CE bảng dữ liệu(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U535CB/CC/CE bảng dữ liệu(HTML) 96 Page - STMicroelectronics |
|
96 / 278 page ![]() Pinout, pin description, and alternate functions STM32U535xx 96/278 DS14217 Rev 1 4.2 Pin description Table 25. Legend/abbreviations used in the pinout table Name Abbreviation Definition Pin name Unless otherwise specified in brackets below the pin name, the pin function during and after reset is the same as the actual pin name Pin type S Supply pin I Input only pin I/O Input/output pin I/O structure FT 5V-tolerant I/O TT 3.6V-tolerant I/O RST Bidirectional reset pin with embedded weak pull-up resistor Option for TT or FT I/Os(1) _a I/O, with analog switch function supplied by VDDA _f I/O, Fm+ capable _h I/O with high-speed low-voltage mode _o I/O with OSC32_IN/OSC32_OUT capability _s I/O supplied only by VDDIO2 _t I/O with tamper function supplied by VSW _u I/O, with USB function supplied by VDDUSB _v I/O very high-speed capable Notes Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset. Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers 1. The related I/O structures in the table below are a concatenation of various options. Examples: FT_hat, FT_fs, FT_u, TT_a. |