| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF/P638A bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P638A bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 116 page ![]() Pinouts and pin description STM8AF6388 36/116 DocID031156 Rev 1 39 31 23 - PE7/AIN8 I/O X X- - O1 X X Port E7 Analog input 8 - 40 32 24 PE6/AIN9 I/O X XX - O1 X X Port E6 Analog input 9 - 41 33 25 17 PE5/SPI_NSS I/O X XX - O1 X X Port E5 SPI master/ slave select - 42 - - - PC0/ADC_ETR I/O X XX - O1 X X Port C0 ADC trigger input - 43 34 26 18 PC1/TIM1_CH1 I/O X XX HS O3 X X Port C1 Timer 1 - channel 1 - 44 35 27 19 PC2/TIM1_CH2 I/O X XX HS O3 X X Port C2 Timer 1- channel 2 - 45 36 28 20 PC3/TIM1_CH3 I/O X XX HS O3 X X Port C3 Timer 1 - channel 3 - 46 37 29 21 PC4/TIM1_CH4 I/O X XX HS O3 X X Port C4 Timer 1 - channel 4 - 47 38 30 22 PC5/SPI_SCK I/O X XX - O3 X X Port C5 SPI clock - 48 39 31 - VSSIO_2 S - - - - - - - I/O ground - 49 40 32 - VDDIO_2 S - - - - - - - I/O power supply - 50 41 33 23 PC6/SPI_MOSI I/O X XX - O3 X X Port C6 SPI master out/ slave in - 51 42 34 24 PC7/SPI_MISO I/O X XX - O3 X X Port C7 SPI master in/ slave out - 52 43 35 - PG0 I/O X X- - O1 X X Port G0 -- 53 44 36 - PG1 I/O X X- - O1 X X Port G1 -- 54 45 - - PG2 I/O X X- - O1 X X Port G2 -- 55 46 - - PG3 I/O X X- - O1 X X Port G3 -- 56 47 - - PG4 I/O X X- - O1 X X Port G4 -- 57 48 - - PI0 I/O X X- - O1 X X Port I0 -- 58 - - - PI1 I/O X X- - O1 X X Port I1 -- 59 - - - PI2 I/O X X- - O1 X X Port I2 -- 60 - - - PI3 I/O X X- - O1 X X Port I3 -- Table 9. STM8AF6388 pin description (continued) Pin number Pin name Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |