| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5KP16 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
5KP16 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation |
|
2 / 4 page ![]() 5000 W TRANSIENT VOLTAGE SUPPRESSOR SCOTTSD A L E DIVISION 5KP5.0 thru 5KP110A ELECTRICAL CHARACTERISTICS MICROSEMI PART NUMBER REVERSE STAND-OFF VOLTAGE VWM (Note 1) VOLTS BREAKDOWN VOLTAGE V(BR) V(BR) @ I(BR) VOLTS mA MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS MAXIMUM STANDBY CURRENT ID @ VWM µA MAXIMUM PEAK PULSE CURRENT IPP (FIG. 3) A MAXIMUM TEMPERATURE COEFFICIENT VARIATION OF V(BR) αV(BR) mV/ ºC 5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5.0 5.0 6.0 6.0 6.40 – 7.30 6.40 – 7.00 6.67 – 8.15 6.67 – 7.37 50 50 50 50 9.6 9.2 11.4 10.3 2000 2000 5000 5000 520 543 439 485 4.0 4.0 4.0 4.0 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 6.5 6.5 7.0 7.0 7.22 – 8.82 7.22 – 7.98 7.78 – 9.51 7.78 – 8.60 50 50 50 50 12.3 11.2 13.3 12.0 2000 2000 1000 1000 407 447 378 417 4.0 4.0 5.0 5.0 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 7.5 7.5 8.0 8.0 8.33 – 10.2 8.33 – 9.21 8.89 – 10.9 8.89 – 9.83 5 5 5 5 14.3 12.9 15.0 13.6 250 250 150 150 350 388 333 367 6.0 6.0 6.0 6.0 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 8.5 8.5 9.0 9.0 9.44 – 11.5 9.44 – 10.4 10.0 – 12.2 10.0 – 11.1 5 5 5 5 15.9 14.4 16.9 15.4 50 50 20 20 314 347 295 325 7.0 7.0 8.0 8.0 5KP10 5KP10A 5KP11 5KP11A 10 10 11 11 11.1 – 13.6 11.1 – 12.3 12.2 – 14.9 12.2 – 13.5 5 5 5 5 18.8 17.0 20.1 18.2 15 15 10 10 266 294 249 274 9.0 9.0 10 10 5KP12 5KP12A 5KP13 5KP13A 12 12 13 13 13.3 – 16.3 13.3 – 14.7 14.4 – 17.6 14.4 – 15.9 5 5 5 5 22.0 19.9 23.8 21.5 10 10 10 10 227 251 210 232 11 11 12 12 5KP14 5KP14A 5KP15 5KP15A 14 14 15 15 15.6 – 19.1 15.6 – 17.2 16.7 – 20.4 16.7 – 18.5 5 5 5 5 25.8 23.2 26.9 24.4 10 10 10 10 194 215 188 206 13 13 15 15 5KP16 5KP16A 5KP17 5KP17A 16 16 17 17 17.8 – 21.8 17.8 – 19.7 18.9 – 23.1 18.9 – 20.9 5 5 5 5 28.8 26.0 30.5 27.6 10 10 10 10 176 192 164 181 18 16 19 18 5KP18 5KP18A 5KP20 5KP20A 18 18 20 20 20.0 – 24.4 20.0 – 22.1 22.2 – 27.1 22.2 – 24.5 5 5 5 5 32.2 29.2 35.8 32.4 10 10 10 10 155 172 139 154 20 19 24 22 5KP22 5KP22A 5KP24 5KP24A 22 22 24 24 24.4 – 29.8 24.4 – 26.9 26.7 – 32.6 26.7 – 29.5 5 5 5 5 39.4 35.5 43.0 38.9 10 10 10 10 127 141 116 128 27 24 30 27 5KP26 5KP26A 5KP28 5KP28A 26 26 28 28 28.9 – 35.3 28.9 – 31.9 31.1 – 38.0 31.1 – 34.4 5 5 5 5 46.6 42.1 50.1 45.5 10 10 10 10 107 119 99 110 33 29 34 30 5KP30 5KP30A 5KP33 5KP33A 30 30 33 33 33.3 – 40.7 33.3 – 36.8 36.7 – 44.9 36.7 – 40.6 5 5 5 5 53.5 48.4 59.0 53.3 10 10 10 10 93 103 85 94 38 35 41 38 5KP36 5KP36A 5KP40 5KP40A 36 36 40 40 40.0 – 48.9 40.0 – 44.2 44.4 – 54.3 44.4 – 49.1 5 5 5 5 64.3 58.1 71.4 64.5 10 10 10 10 78 86 70 78 45 40 50 45 5KP43 5KP43A 5KP45 5KP45A 43 43 45 45 47.8 – 58.4 47.8 – 52.8 50.0 – 61.1 50.0 – 55.3 5 5 5 5 46.7 69.4 80.3 72.7 10 10 10 10 65 72 62 69 54 49 57 51 5KP48 5KP48A 5KP51 5KP51A 48 48 51 51 53.3 – 65.1 53.3 – 58.9 56.7 – 69.3 56.7 – 62.7 5 5 5 5 85.5 77.4 91.1 82.4 10 10 10 10 58 65 55 61 62 55 65 60 Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2002 6-09-2003 REV A |