công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U535CB bảng dữ liệu(PDF) 240 Page - STMicroelectronics

tên linh kiện STM32U535CB
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CB bảng dữ liệu(HTML) 240 Page - STMicroelectronics

Back Button STM32U535CB Datasheet HTML 236Page - STMicroelectronics STM32U535CB Datasheet HTML 237Page - STMicroelectronics STM32U535CB Datasheet HTML 238Page - STMicroelectronics STM32U535CB Datasheet HTML 239Page - STMicroelectronics STM32U535CB Datasheet HTML 240Page - STMicroelectronics STM32U535CB Datasheet HTML 241Page - STMicroelectronics STM32U535CB Datasheet HTML 242Page - STMicroelectronics STM32U535CB Datasheet HTML 243Page - STMicroelectronics STM32U535CB Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 278 page
background image
Electrical characteristics
STM32U535xx
240/278
DS14217 Rev 1
5.3.30
PSSI characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 32, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
PSSI_PDCK polarity: falling
•
PSSI_RDY and PSSI_DE polarity: low
•
Bus width: 16 lines
•
Data width: 32 bits
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Table 119. PSSI transmit characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
-
Frequency ratio DCMI_PDCK/fHCLK
--
0.4
-
PSSI_PDCK PSSI clock input
2.7 V ≤ VDD ≤ 3.6 V
-
64(2)
MHz
1.71 V ≤ VDD ≤ 3.6 V
-
47(2)
DPIXEL
PSSI clock input duty cycle
-
30
70
%
tOV(DATA)
Data output valid time
2.7 V ≤ VDD ≤ 3.6 V
-
14
ns
1.71 V ≤ VDD ≤ 3.6 V
-
21
tOH(DATA)
Data output hold time
1.71 V ≤ VDD ≤ 3.6 V
7-
tOV(DE)
DE output valid time
-
12.5
tOH(DE)
DE output hold time
6
-
tSU(RDY)
RDY input setup time
1.71 V ≤ VDD ≤ 3.6 V
0-
tH(RDY)
RDY input hold time
0
-
1. Evaluated by characterization. Not tested in production.
2. This maximal frequency does not consider receiver setup and hold timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com