công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STH10N80K5-2AG bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STH10N80K5-2AG
Giải thích chi tiết về linh kiện  Automotive-grade N-channel 800 V, 0.60 Ω typ., 8 A MDmesh K5 Power MOSFET in an H²PAK-2 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH10N80K5-2AG bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STH10N80K5-2AG Datasheet HTML 1Page - STMicroelectronics STH10N80K5-2AG Datasheet HTML 2Page - STMicroelectronics STH10N80K5-2AG Datasheet HTML 3Page - STMicroelectronics STH10N80K5-2AG Datasheet HTML 4Page - STMicroelectronics STH10N80K5-2AG Datasheet HTML 5Page - STMicroelectronics STH10N80K5-2AG Datasheet HTML 6Page - STMicroelectronics STH10N80K5-2AG Datasheet HTML 7Page - STMicroelectronics STH10N80K5-2AG Datasheet HTML 8Page - STMicroelectronics STH10N80K5-2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
TAB
3
H2PAK-2
DTG1S23NZ
D(TAB)
G(1)
S(2, 3)
Features
Order code
VDS
RDS(on) max.
ID
STH10N80K5-2AG
800 V
0.68 Ω
8 A
AEC-Q101 qualified
Industry’s lowest RDS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Applications
Switching applications
Description
This very high voltage N-channel Power MOSFET is designed using MDmesh K5
technology based on an innovative proprietary vertical structure. The result is a
dramatic reduction in on-resistance and ultra-low gate charge for applications
requiring superior power density and high efficiency.
Product status link
STH10N80K5-2AG
Product summary
Order code
STH10N80K5-2AG
Marking
10N80K5
Package
H²PAK-2
Packing
Tape and reel
Automotive-grade N-channel 800 V, 0.60 Ω typ., 8 A MDmesh K5
Power MOSFET in an H²PAK-2 package
STH10N80K5-2AG
Datasheet
DS13355 - Rev 1 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Số phần tương tự - STH10N80K5-2AG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STH10NA50 STMICROELECTRONICS-STH10NA50 Datasheet
243Kb / 11P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
logo
Inchange Semiconductor ...
STH10NA50 ISC-STH10NA50 Datasheet
316Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STH10NA50FI STMICROELECTRONICS-STH10NA50FI Datasheet
243Kb / 11P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
logo
Inchange Semiconductor ...
STH10NA50FI ISC-STH10NA50FI Datasheet
343Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STH10NC60 STMICROELECTRONICS-STH10NC60 Datasheet
337Kb / 9P
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
Feb-2002
More results

Mô tả tương tự - STH10N80K5-2AG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STFI13N80K5 STMICROELECTRONICS-STFI13N80K5 Datasheet
1Mb / 13P
N-channel 800 V, 0.37 ??typ.,12 A MDmesh™K5 Power MOSFET in an I²PAKFP package
04-Dec-2014
STH13N120K5-2AG STMICROELECTRONICS-STH13N120K5-2AG Datasheet
584Kb / 15P
Automotive-grade N-channel 1200 V, 0.62 typ., 12 A, MDmesh K5 Power MOSFET in an H²PAK‑2 package
16-Jun-2020
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STB17N80K5 STMICROELECTRONICS-STB17N80K5 Datasheet
921Kb / 15P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a D²PAK package
20-May-2016
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
01-Jul-2016
STH12N120K5-2AG STMICROELECTRONICS-STH12N120K5-2AG Datasheet
405Kb / 15P
Automotive-grade N-channel 1200 V, 1.45 Ω typ., 7 A, MDmesh K5 Power MOSFET in an H²PAK‑2 package
28-Oct-2022
STH36N60DM6-7AG STMICROELECTRONICS-STH36N60DM6-7AG Datasheet
469Kb / 14P
Automotive-grade N-channel 600 V, 0.084 Ω typ., 29 A MDmesh™ DM6 Power MOSFET in an H²PAK-7 package
26-Sep-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com