| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2119RU/2 bảng dữ liệu(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119RU/2 bảng dữ liệu(HTML) 31 Page - NXP Semiconductors |
|
31 / 68 page ![]() 2003 Jan 30 31 Philips Semiconductors Product specification LCD controllers/drivers PCF2119X Fig.19 CGRAM to icon mapping. CGRAM data bit = logic 1 turns the icon on, data bit = logic 0 turns the icon off. Data in character codes 0 to 3 define the icon state when icon blink is disabled or during the even phase when icon blink is enabled. Data in character codes 4 to 7 define the icon state during the odd phase when icon blink is enabled (not used for icons when icon blink is disabled). handbook, full pagewidth MGK999 156-160 odd (blink) 18/76-80 0 0 0 0 0 1 1 1 icon view 0 1 1 1 1 1 1 0 0 1 1 0 1-5 odd (blink) 17/1-5 0 0 0 0 0 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 156-160 even 18/76-80 0 0 0 0 0 0 1 1 0 0 1 1 1 1 1 1 1 1 0 1 81-85 even 18/1-5 0 0 0 0 0 0 1 0 0 0 1 0 0 0 0 1 1 0 0 0 76-80 even 17/76-80 0 0 0 0 0 0 0 1 0 0 0 1 1 1 1 1 1 1 1 1 11-15 even 17/11-15 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 1 0 6-10 even 17/6-10 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 0 1-5 even 17/1-5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 7 6 5 4 3 2 1 0 MSB LSB LSB MSB MSB LSB 6 5 4 3 2 1 0 4 3 2 1 0 icon no. phase ROW/COL character codes CGRAM address CGRAM data handbook, full pagewidth COL 1 to 5 12345 81 82 83 84 85 display: ROW 17 – ROW 18 – block of 5 columns COL 6 to 10 6789 10 86 87 88 89 90 COL 76 to 80 76 77 78 79 80 156 157 158 159 160 MGL249 |