| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2119FU/2 bảng dữ liệu(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119FU/2 bảng dữ liệu(HTML) 38 Page - NXP Semiconductors |
|
38 / 68 page ![]() 2003 Jan 30 38 Philips Semiconductors Product specification LCD controllers/drivers PCF2119X 11 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). 12 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling MOS devices (see “Handling MOS Devices”). SYMBOL PARAMETER MIN. MAX. UNIT VDD1 logic supply voltage −0.5 +6.5 V VDD2, VDD3 high voltage generator supply voltage −0.5 +4.5 V VLCD LCD supply voltage −0.5 +7.5 V VDD(I/O) any VDD related input/output voltage −0.5 VDD + 0.5 V VLCD(I/O) any VLCD related input/output voltage −0.5 VLCD + 0.5 V II DC input current −10 +10 mA IO DC output current −10 +10 mA IDD, ISS and ILCD VDD1, VDD2, VDD3, VSS1, VSS2 or VLCD current −50 +50 mA Ptot total power dissipation − 400 mW PO power dissipation per output − 100 mW Tstg storage temperature −65 +150 °C |