| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M48T08-100PC1 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T08-100PC1 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 27 page ![]() 13/27 M48T08, M48T08Y, M48T18 CLOCK OPERATIONS Reading the Clock Updates to the TIMEKEEPER® registers should be halted before clock data is read to prevent reading data in transition. The BiPORT™ TIME- KEEPER cells in the RAM array are only data reg- isters and not the actual clock counters, so updating the registers can be halted without dis- turbing the clock itself. Updating is halted when a '1' is written to the READ Bit, the seventh bit in the control register. As long as a '1' remains in that position, updating is halted. After a halt is issued, the registers reflect the count; that is, the day, date, and the time that were current at the moment the halt command was issued. All of the TIMEKEEPER registers are updated si- multaneously. A halt will not interrupt an update in progress. Updating is within a second after the bit is reset to a '0.' Setting the Clock The eighth bit of the control register is the WRITE Bit. Setting the WRITE Bit to a '1,' like the READ Bit, halts updates to the TIMEKEEPER registers. The user can then load them with the correct day, date, and time data in 24 hour BCD format (on Ta- ble 5.). Resetting the WRITE Bit to a '0' then trans- fers the values of all time registers (1FF9h-1FFFh) to the actual TIMEKEEPER counters and allows normal operation to resume. The FT Bit and the bits marked as '0' in Table 5. must be written to '0' to allow for normal TIMEKEEPER and RAM oper- ation. See the Application Note AN923, “TIMEKEEPER® Rolling Into the 21st Century” for information on Century Rollover. Table 5. Register Map Keys: S = SIGN Bit FT = FREQUENCY TEST Bit (Set to '0' for normal clock operation) R = READ Bit W = WRITE Bit ST = STOP Bit 0 = Must be set to '0' Address Data Function/Range BCD Format D7 D6 D5 D4 D3 D2 D1 D0 1FFFh 10 Years Year Year 00-99 1FFEh 0 0 0 10 M Month Month 01-12 1FFDh 0 0 10 Date Date Date 01-31 1FFCh 0 FT 0 0 0 Day Day 01-07 1FFBh 0 0 10 Hours Hours Hours 00-23 1FFAh 0 10 Minutes Minutes Minutes 00-59 1FF9h ST 10 Seconds Seconds Seconds 00-59 1FF8h W R S Calibration Control |