| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV321IDBVR bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321IDBVR bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 31 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) LMV321IDBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LMV321IDBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LMV321IDCKR ACTIVE SC70 DCK 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LMV321IDCKT ACTIVE SC70 DCK 5 250 Pb-Free (RoHS) CU NIPDAU Level-1-260C-UNLIM LMV324ID ACTIVE SOIC D 14 50 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM LMV324IDR ACTIVE SOIC D 14 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM LMV324IPWR ACTIVE TSSOP PW 14 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM LMV324QD ACTIVE SOIC D 14 50 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM LMV324QDR ACTIVE SOIC D 14 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM LMV324QPW ACTIVE TSSOP PW 14 90 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM LMV324QPWR ACTIVE TSSOP PW 14 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM LMV324SID ACTIVE SOIC D 16 40 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM LMV324SIDR ACTIVE SOIC D 16 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM LMV324SIPWR ACTIVE TSSOP PW 16 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM LMV358ID ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM LMV358IDDUR ACTIVE VSSOP DDU 8 3000 Pb-Free (RoHS) CU NIPDAU Level-1-260C-UNLIM LMV358IDGKR ACTIVE MSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR LMV358IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM LMV358IPW ACTIVE TSSOP PW 8 150 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM LMV358IPWR ACTIVE TSSOP PW 8 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM LMV358QD ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM LMV358QDDUR ACTIVE VSSOP DDU 8 3000 Pb-Free (RoHS) CU NIPDAU Level-1-260C-UNLIM LMV358QDGKR ACTIVE MSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR LMV358QDR ACTIVE SOIC D 8 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM LMV358QPW ACTIVE TSSOP PW 8 150 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM PACKAGE OPTION ADDENDUM www.ti.com 4-Mar-2005 Addendum-Page 1 |