| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5744CSU bảng dữ liệu(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5744CSU bảng dữ liệu(HTML) 21 Page - Analog Devices |
|
21 / 27 page ![]() Preliminary Technical Data Rev. PrA 15-Nov-04| Page 21 of 27 FINE GAIN REGISTER The Fine Gain Register is addressed by setting the three REG bits to 100. The DAC address bits select with which DAC Channel the Data transfer is to take place (Refer to Table 9). The Fine Gain Register is a 6-bit register and allows the user to adjust the gain of each DAC channel by -32 LSBs to +31 LSBs in 1 LSB steps as shown in Table 16 and Table 17. Table 16. Programming AD5764 Fine Gain Register REG2 REG1 REG0 A2 A1 A0 DB15 …. DB6 DB5 DB4 DB3 DB2 DB1 DB0 1 0 0 DAC Address Don’t Care FG5 FG4 FG3 FG2 FG1 FG0 Table 17. Fine Gain Register Options Gain Adjustment FG5 FG4 FG3 FG2 FG1 FG0 +31 LSBs 0 1 1 1 1 1 +30 LSBs 0 1 1 1 1 0 - - - - - - No Adjustment 0 0 0 0 0 0 - - - - - - -31 LSBs 1 0 0 0 0 1 -32 LSBs 1 0 0 0 0 0 OFFSET REGISTER The Offset Register is addressed by setting the three REG bits to 101. The DAC address bits select with which DAC Channel the Data transfer is to take place (Refer to Table 9). The Offset Register is an 8-bit register and allows the user to adjust the offset of each channel by – 15.875 LSBs to + 16 LSBs in steps of 1/8 LSB as shown in Table 18 and Table 19. Table 18. Programming the Offset Register REG2 REG1 REG0 A2 A1 A0 DB15 …. DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 1 0 1 DAC Address Don’t Care OF7 OF6 OF5 OF4 OF3 OF2 OF1 OF0 Table 19. Offset Register options Offset Adjustment OF7 OF6 OF5 OF4 OF3 OF2 OF1 OF0 +15.875 LSBs 0 1 1 1 1 1 1 1 +16.5 LSBs 0 1 1 1 1 1 1 0 - - - - - - - - No Adjustment 0 0 0 0 0 0 0 0 - - - - - - - - -15.875 LSBs 1 0 0 0 0 0 0 1 -16 LSBs 1 0 0 0 0 0 0 0 |