| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M28W320CT100ZB6T bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W320CT100ZB6T bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 42 page ![]() M28W320CT, M28W320CB 18/42 Table 17. Device Geometry Definition Offset Word Mode Data Description 27h 0016h Device Size = 2n in number of bytes 28h 0001h Flash Device Interface Code description: Asynchronous x16 29h 0000h 2Ah 0000h Maximum number of bytes in multi-byte program or page = 2n 2Bh 0000h 2Ch 0002h Number of Erase Block Regions within device bit 7 to 0 = x = number of Erase Block Regions Note:1. x = 0 means no erase blocking, i.e. the device erases at once in ”bulk.” 2. x specifies the number of regions within the device containing one or more con- tiguous Erase Blocks of the same size. For example, a 128KB device (1Mb) having blocking of 16KB, 8KB, four 2KB, two 16KB, and one 64KB is consid- ered to have 5 Erase Block Regions. Even though two regions both contain 16KB blocks, the fact that they are not contiguous means they are separate Erase Block Regions. 3. By definition, symmetrically block devices have only one blocking region. M28W320CT M28W320CT Erase Block Region Information bit 31 to 16 = z, where the Erase Block(s) within this Region are (z) times 256 bytes in size. The value z = 0 is used for 128 byte block size. e.g. for 64KB block size, z = 0100h = 256 => 256 * 256 = 64K bit 15 to 0 = y, where y+1 = Number of Erase Blocks of identical size within the Erase Block Region: e.g. y = D15-D0 = FFFFh => y+1 = 64K blocks [maximum number] y = 0 means no blocking (# blocks = y+1 = ”1 block”) Note: y = 0 value must be used with number of block regions of one as indicated by (x) = 0 2Dh 001Eh 2Eh 0000h 2Fh 0000h 30h 0001h 31h 0007h 32h 0000h 33h 0020h 34h 0000h M28W320CB M28W320CB 2Dh 0007h 2Eh 0000h 2Fh 0020h 30h 0000h 31h 001Eh 32h 0000h 33h 0000h 34h 0001h |