| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P83C652EBAA bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C652EBAA bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 22 page ![]() Phlips Semiconductors Product specification 80C652/83C652 CMOS single-chip 8-bit microcontrollers 1997 Dec 05 3 PLASTIC LEADED CHIP CARRIER PIN FUNCTIONS 6140 7 17 39 29 18 28 PLASTIC LEADED CHIP CARRIER Pin Function Pin Function 1 NC* 23 NC* 2 P1.0 24 P2.0/A8 3 P1.1 25 P2.1/A9 4 P1.2 26 P2.2/A10 5 P1.3 27 P2.3/A11 6 P1.4 28 P2.4/A12 7 P1.5 29 P2.5/A13 8 P1.6/SCL 30 P2.6/A14 9 P1.7/SDA 31 P2.7/A15 10 RST 32 PSEN 11 P3.0/RxD 33 ALE 12 NC* 34 NC* 13 P3.1/TxD 35 EA 14 P3.2/INT0 36 P0.7/AD7 15 P3.3/INT1 37 P0.6/AD6 16 P3.4/T0 38 P0.5/AD5 17 P3.5/T1 39 P0.4/AD4 18 P3.6/WR 40 P0.3/AD3 19 P3.7/RD 41 P0.2/AD2 20 XTAL2 42 P0.1/AD1 21 XTAL1 43 P0.0/AD0 22 VSS 44 VDD *DO NOT CONNECT PLASTIC QUAD FLAT PACK PIN FUNCTIONS 44 34 1 11 33 23 12 22 PLASTIC QUAD FLAT PACK Pin Function Pin Function 1 P1.5 23 P2.5/A13 2 P1.6/SCL 24 P2.6/A14 3 P1.7/SDA 25 P2.7/A15 4 RST 26 PSEN 5 P3.0/RxD 27 ALE 6 VSS4 28 VSS2 7 P3.1/TxD 29 EA/VPP 8 P3.2/INT0 30 P0.7/AD7 9 P3.3/INT1 31 P0.6/AD6 10 P3.4/T0 32 P0.5/AD5 11 P3.5/T1 33 P0.4/AD4 12 P3.6/WR 34 P0.3/AD3 13 P3.7/RD 35 P0.2/AD2 14 XTAL2 36 P0.1/AD1 15 XTAL1 37 P0.0/AD0 16 VSS1 38 VDD 17 NC* 39 VSS3 18 P2.0/A8 40 P1.0 19 P2.1/A9 41 P1.1 20 P2.2/A10 42 P1.2 21 P2.3/A11 43 P1.3 22 P2.4/A12 44 P1.4 *DO NOT CONNECT NOTES TO QFP ONLY: 1. Due to EMC improvements, all VSS pins (6, 16, 28, 39) must be connected to VSS on the 80C652/83C652. |