công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD301AT/KYX bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện UPD301AT/KYX
Giải thích chi tiết về linh kiện  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301AT/KYX bảng dữ liệu(HTML) 5 Page - Microchip Technology

  UPD301AT/KYX Datasheet HTML 1Page - Microchip Technology UPD301AT/KYX Datasheet HTML 2Page - Microchip Technology UPD301AT/KYX Datasheet HTML 3Page - Microchip Technology UPD301AT/KYX Datasheet HTML 4Page - Microchip Technology UPD301AT/KYX Datasheet HTML 5Page - Microchip Technology UPD301AT/KYX Datasheet HTML 6Page - Microchip Technology UPD301AT/KYX Datasheet HTML 7Page - Microchip Technology UPD301AT/KYX Datasheet HTML 8Page - Microchip Technology UPD301AT/KYX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 5
UPD301A
PIO
General Purpose I/O
PMIC
Power Management Integrated Circuit
POR
Power-On Reset
Port Partner
Remote port which is connected to the UPD301A’s local port
PRBS
Pseudo Random Binary Sequence
QWORD
64-bits
SA
Source Address
SBU
SideBand Use
SCSR
System Control and Status Register
Source Role
USB Type-C port is sinking power from its Port Partner
Source-only
Operation
Operation exclusively in USB Type-C / Power Delivery Source Role as defined in the USB
Type-C and Power-Delivery specifications. In this mode of operation, USB Type-C Dual-Role
Power Operation is not supported and there is no support for USB Power Role Swap.
SPI
Serial Peripheral Interface
SPM
System Policy Manager (USB PD Specification definition)
SS
SuperSpeed
Stand-alone Mode
Chip operation without the control or configuration by an external MCU. Policy is defined locally
by the UPD301A firmware. Configuration is achieved by use of configuration straps.
SVDM
Standard/Vendor Defined Message (USB PD Specification definition)
SVID
Standard/Vendor IDentity (USB PD Specification definition)
TCPC
USB Type-C™ Port Controller
UFP
Upstream Facing Port (USB Type-C™ Specification definition)
USB
Universal Serial Bus
USB Power
Delivery Operation
Port is operating using USB Power Delivery protocols in conformance to the USB PD Specifi-
cation.
USB Power
Role Swap
Message sequence as defined in the USB PD Specification, enabling a transition between
Source Role and Sink Role during USB Power Delivery Operation
USB Type-C™
USB Type-C™ Cable / Connector
VDO
Vendor-Defined Object (USB PD Specification definition)
VSM
Vendor Specific Messaging
WORD
16-bits
ZLP
Zero Length USB Packet
TABLE 1-1:
GLOSSARY OF TERMS (CONTINUED)
Term
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com