| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD301A bảng dữ liệu(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UPD301A bảng dữ liệu(HTML) 32 Page - Microchip Technology |
|
32 / 40 page ![]() UPD301A DS00002838B-page 32 2018-2019 Microchip Technology Inc. 6.0 PACKAGE INFORMATION Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging. FIGURE 6-1: PACKAGE MARKING INFORMATION FIGURE 6-2: TAPE & REEL DEVICE ORIENTATION 40-VQFN UPD301Ai YYWWNNN 3 e VRnnn Legend: i Temperature range designator (Blank = commercial, i = industrial/automotive) V Automotive (blank for non-automotive versions) R Functional revision nnn Internal code YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. 3 e 3 e DIRECTION OF UNREELING |