công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCS2113-C bảng dữ liệu(PDF) 51 Page - Microchip Technology

tên linh kiện UCS2113-C
Giải thích chi tiết về linh kiện  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C bảng dữ liệu(HTML) 51 Page - Microchip Technology

Back Button UCS2113-C Datasheet HTML 47Page - Microchip Technology UCS2113-C Datasheet HTML 48Page - Microchip Technology UCS2113-C Datasheet HTML 49Page - Microchip Technology UCS2113-C Datasheet HTML 50Page - Microchip Technology UCS2113-C Datasheet HTML 51Page - Microchip Technology UCS2113-C Datasheet HTML 52Page - Microchip Technology UCS2113-C Datasheet HTML 53Page - Microchip Technology UCS2113-C Datasheet HTML 54Page - Microchip Technology UCS2113-C Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
 2020 Microchip Technology Inc.
DS20006466A-page 51
UCS2113-C
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
Example
PIN 1
PIN 1
UCS
21131C
3
e
6138DM
4x4 mm QFN, 20-lead
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60