công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8T33FS6221 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện 8T33FS6221
Giải thích chi tiết về linh kiện  Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8T33FS6221 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button 8T33FS6221 Datasheet HTML 9Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 10Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 11Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 12Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 13Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 14Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 15Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 16Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
R31DS0008EU0110 Rev.1.1 Apr 8, 2021
13
LOW VOLTAGE 1:20 DIFFERENTIAL PECL/HSTL CLOCK
FANOUT BUFFER
8T33FS6221 DATASHEET
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are recom-
mended only as guidelines.
The differential outputs are a low impedance follower output that
generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
transmission lines. Matched impedance techniques should be used
to maximize operating frequency and minimize signal distortion.
Figure 4A and Figure 4B show two different layouts which are rec-
ommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers simu-
late to guarantee compatibility across all printed circuit and clock
component process variations.
Figure 4A. 3.3V LVPECL Output Termination
Figure 4B. 3.3V LVPECL Output Termination
R1
50
Ω
R2
50
Ω
RTT
68
Ω
Z
o = 50Ω
Z
o = 50Ω
LVPECL
Input
3.3V
3.3V
+
_
R1
84
Ω
R2
84
Ω
3.3V
R3
125
Ω
R4
125
Ω
Z
o = 50Ω
Z
o = 50Ω
Input
3.3V
3.3V
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com