công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8T33FS6111 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện 8T33FS6111
Giải thích chi tiết về linh kiện  Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8T33FS6111 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button 8T33FS6111 Datasheet HTML 9Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 10Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 11Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 12Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 13Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 14Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 15Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 16Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
8T33FS6111 DATA SHEET
REVISION 1 12/02/14
13
LOW VOLTAGE 2.5V/3.3V DIFFERENTIAL LVPECL/HSTL
FANOUT BUFFER
2.5V LVPECL Clock Input Interface
The CLK /nCLK accepts LVPECL, LVDS, CML and other differential
signals. Both differential outputs must meet the VPP and VCMR input
requirements. Figure 6A to Figure 6E show interface examples for the
CLK/ nCLK input driven by the most common driver types. The input
interfaces suggested here are examples only. If the driver is from
another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements.
Figure 6A. CLK/nCLK Input Driven by a CML Driver
Figure 6B. CLK/nCLK Input Driven by a
Built-In Pullup CML Driver
Figure 6C. CLK/nCLK Input Driven by a
2.5V LVPECL Driver
Figure 6D. CLK/nCLK Input Driven by a
2.5V LVPECL Driver with AC Couple
Figure 6E. CLK/nCLK Input Driven by a
2.5V LVDS Driver
CLK
nCLK
LVPECL
Input
CML
2.5V
2.5V
2.5V
CLK
nCLK
2.5V
LVPECL
Input
2.5V
CML Built-In Pullup
2.5V
CLK
nCLK
2.5V
2.5V
LVPECL
LVPECL
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com