công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SJ621 bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện 2SJ621
Giải thích chi tiết về linh kiện  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ621 bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  2SJ621 Datasheet HTML 1Page - Renesas Technology Corp 2SJ621 Datasheet HTML 2Page - Renesas Technology Corp 2SJ621 Datasheet HTML 3Page - Renesas Technology Corp 2SJ621 Datasheet HTML 4Page - Renesas Technology Corp 2SJ621 Datasheet HTML 5Page - Renesas Technology Corp 2SJ621 Datasheet HTML 6Page - Renesas Technology Corp 2SJ621 Datasheet HTML 7Page - Renesas Technology Corp 2SJ621 Datasheet HTML 8Page - Renesas Technology Corp 2SJ621 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
MOS FIELD EFFECT TRANSISTOR
2SJ621
P-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No.
D15634EJ1V0DS00 (1st edition)
Date Published
May 2002 NS CP(K)
Printed in Japan
2001
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The 2SJ621 is a switching device which can be driven directly
by a 1.8 V power source.
This device features a low on-state resistance and excellent
switching characteristics, and is suitable for applications such
as power switch of portable machine and so on.
FEATURES
• 1.8 V drive available
• Low on-state resistance
RDS(on)1 = 44 m
Ω MAX. (VGS = –4.5 V, ID = –2.0 A)
RDS(on)2 = 56 m
Ω MAX. (VGS = –3.0 V, ID = –2.0 A)
RDS(on)3 = 62 m
Ω MAX. (VGS = –2.5 V, ID = –2.0 A)
RDS(on)4 = 105 m
Ω MAX. (VGS = –1.8 V, ID = –1.5 A)
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SJ621
SC-96 (Mini Mold Thin Type)
Marking: XG
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
–12
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m8.0
V
Drain Current (DC) (TA = 25°C)
ID(DC)
m3.5
A
Drain Current (pulse)
Note1
ID(pulse)
m12
A
Total Power Dissipation (TA = 25°C)
PT1
0.2
W
Total Power Dissipation (TA = 25°C)
Note2
PT2
1.25
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Mounted on FR-4 board, t
≤ 5 sec.
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD. When
this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated
voltage may be applied to this device.
PACKAGE DRAWING (Unit: mm)
0.65
0.9 to 1.1
0 to 0.1
0.16
+0.1
–0.06
0.4
+0.1
–0.05
0.95
1
2
3
1.9
2.9 ±0.2
0.95
1 : Gate
2 : Source
3 : Drain
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com