| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
910 bảng dữ liệu(PDF) 5 Page - Anderson Power Products, Inc. |
|
|
|||||||||||||||||||||||||||||
910 bảng dữ liệu(HTML) 5 Page - Anderson Power Products, Inc. |
|
5 / 6 page ![]() - 100 - All Data Subject To Change Without Notice www.andersonpower.com Wire Entrance [ 28.4 ] 1.12 [ 11.1 ] 0.44 Manual Release Bracket - Mounting Side * Works with the Locking Side to ease mating and unmating connectors. Description Part Numbers Minimum Quantity 66 25 10 Bracket and Hardware Kit - - 922G1 Bracket Only B00229P1 - - Hardware Bag - 106G6 - * Torque value 50 (in - lbs) / 5.6 (Nm) NOTE: For assembly of brackets to housing only Manual Release Bracket - Locking Side with Cable Clamp * Works with the Mounting Side to ease mating and unmating connectors. Cable Size Min / Max Min / Max Description Inches O.D. mm O.D. Part Number Minimum Quantity 10 Bracket and Hardware Kit w/ Clamp Kit 0.94 to 0.61 23.7 to 15.5 919 * Torque value 50 (in - lbs) / 5.6 (Nm) NOTE: For assembly of bracket to housing only The given wire O.D. information is an estimate. Cable clamps should be evaluated for performance with the actual wire to be used. Manual Release Bracket - Locking Side no Cable Clamp * Works with the Battery side to ease mating and unmating connectors. Description Part Number Minimum Quantity 10 Bracket and Hardware Kit No Clamp Kit 919G1 * Torque value 50 (in lbs) / 5.6 (N - M) NOTE: For assembly of bracket to housing only Reducing Bushings: for Use with Contact Part Number 907 Use with contact part number 907-BK to allow a smaller wire to be used with the connector. Electrical capability is derated with smaller wire. Contact Barrel Size Wire Size AWG mm AWG mm² Part Numbers Minimum Quantity 500 100 2/0 67.4 1/0 53.5 5918-BK 5918 Mounting Plate Hardware |