| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2SC5431 bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
2SC5431 bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp |
|
5 / 11 page ![]() Data Sheet PU10099EJ01V0DS 3 2SC5431 TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25 °°°°C) 150 125 75 25 100 50 0 50 75 25 100 125 150 Ambient Temperature TA (˚C) TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE Free Air VCE = 5 V Base to Emitter Voltage VBE (V) COLLECTOR CURRENT vs. BASE TO EMITTER VOLTAGE 24 8 16 0 0.4 0.2 0.6 0.8 1.0 Collector to Emitter Voltage VCE (V) COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE 24 16 8 02 4 6 8 10 IB = 120 A µ 100 A µ 80 A µ 40 A µ 60 A µ 20 A µ 200 20 50 100 10 12 0.5 10 20 550 Collector Current IC (mA) DC CURRENT GAIN vs. COLLECTOR CURRENT VCE = 5 V VCE = 5 V f = 1 GHz Collector Current IC (mA) GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT 7 1 2 3 4 5 6 0 10 1 100 f = 1 MHz Collector to Base Voltage VCB (V) REVERSE TRANSFER CAPACITANCE vs. COLLECTOR TO BASE VOLTAGE 1.00 0.10 0.20 0.50 1 10 100 |