công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2PD601ARW bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện 2PD601ARW
Giải thích chi tiết về linh kiện  50 V, 100 mA NPN general purpose transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ARW bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  2PD601ARW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD601ARW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ARW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ARW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ARW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ARW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ARW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ARW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ARW Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Nexperia
2PD601ARW
50 V, 100 mA NPN general purpose transistor
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
2PD601ARW
SC-70
plastic, surface-mounted package; 3 leads; 1.3 mm pitch;
2 mm x 1.25 mm x 0.95 mm body
SOT323
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
2PD601ARW
%6E
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage open base
-
50
V
VEBO
emitter-base voltage
open collector
-
6
V
IC
collector current
-
100
mA
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
200
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, 35 μm copper, tin-plated and standard footprint.
2PD601ARW
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
2 / 9



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com