công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58LR128FB bảng dữ liệu(PDF) 44 Page - STMicroelectronics

tên linh kiện M58LR128FB
Giải thích chi tiết về linh kiện  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB bảng dữ liệu(HTML) 44 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 40Page - STMicroelectronics M58LR128FB Datasheet HTML 41Page - STMicroelectronics M58LR128FB Datasheet HTML 42Page - STMicroelectronics M58LR128FB Datasheet HTML 43Page - STMicroelectronics M58LR128FB Datasheet HTML 44Page - STMicroelectronics M58LR128FB Datasheet HTML 45Page - STMicroelectronics M58LR128FB Datasheet HTML 46Page - STMicroelectronics M58LR128FB Datasheet HTML 47Page - STMicroelectronics M58LR128FB Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
M58LR128FT, M58LR128FB
44/82
Figure 13. Single Synchronous Read AC Waveforms
AI08312
E
G
A0-A22
L
WAIT(1,2)
K(2)
VALID ADDRESS
tGLQV
tAVKH
tLLKH
tELKH
Hi-Z
tELQX
tKHQV
Note 1. The WAIT signal is configured to be active during wait state. WAIT signal is active Low.
2. Address latched and data output on the rising clock edge. Either the rising or the falling edge of the clock signal, K, can
be configured as the active edge. Here, the active edge is the rising one.
tGLQX
tKHTV
DQ0-DQ15
VALID
Hi-Z
tELQV
tGLTV
tGHTZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82