| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
93AA86CTESTG bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93AA86CTESTG bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 28 page ![]() © 2005 Microchip Technology Inc. DS21797G-page 13 93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C 3.6 Program Enable (PE) This pin allows the user to enable or disable the ability to write data to the memory array. If the PE pin is tied to VCC, the device can be programmed. If the PE pin is tied to VSS, programming will be inhibited. This pin cannot be floated, it must be tied to VCC or VSS. PE is not available on 93XX86A or 93XX86B. On those devices, programming is always enabled. |