công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PQ014 bảng dữ liệu(PDF) 22 Page - Pico Technology Ltd.

tên linh kiện PQ014
Giải thích chi tiết về linh kiện  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PICO [Pico Technology Ltd.]
Trang chủ  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ014 bảng dữ liệu(HTML) 22 Page - Pico Technology Ltd.

Back Button PQ014 Datasheet HTML 18Page - Pico Technology Ltd. PQ014 Datasheet HTML 19Page - Pico Technology Ltd. PQ014 Datasheet HTML 20Page - Pico Technology Ltd. PQ014 Datasheet HTML 21Page - Pico Technology Ltd. PQ014 Datasheet HTML 22Page - Pico Technology Ltd. PQ014 Datasheet HTML 23Page - Pico Technology Ltd. PQ014 Datasheet HTML 24Page - Pico Technology Ltd. PQ014 Datasheet HTML 25Page - Pico Technology Ltd. PQ014 Datasheet HTML 26Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – mixed-signal oscilloscopes
PicoScope 2205A MSO
PicoScope 2206B MSO
PicoScope 2207B MSO
PicoScope 2208B MSO
Triggering
Sources
Ch A, Ch B, Digital 0–15
Ch A, Ch B, Digital 0–15
Trigger modes
None, auto, repeat, single, rapid (segmented
memory)
None, auto, repeat, single, rapid (segmented memory)
Advanced triggers
(analog inputs)
Edge, window, pulse width, window pulse width,
dropout, window dropout, interval, runt pulse,
logic
Edge, window, pulse width, window pulse width, dropout, window dropout, interval, runt
pulse, logic
Advanced triggers
(digital inputs)
Edge, pulse width, dropout, interval, logic, pattern,
mixed signal
Edge, pulse width, dropout, interval, logic, pattern, mixed signal
Trigger types, ETS
Rising or falling edge (available on Ch A only)
Rising or falling edge (available on Ch A only)
Segmented memory buffers
(PicoSDK)
96
128 000
256 000
500 000
Segmented memory buffers
(PicoScope 6)
96
10 000
Trigger sensitivity, real-time
(analog channels)
Digital triggering provides 1 LSB accuracy up to
full bandwidth
Digital triggering provides 1 LSB accuracy up to full bandwidth
Trigger sensitivity, ETS
(analog channels)
10 mV p-p, typical, at full bandwidth
10 mV p-p, typical, at full bandwidth
Maximum pre-trigger capture
100% of capture size
100% of capture size
Maximum post-trigger delay
4 billion samples
4 billion samples
Trigger rearm time
< 2 μs at 500 MS/s sampling rate
< 1 μs at 1 GS/s sampling rate
Maximum trigger rate
96 waveforms in a 192 µs burst, at 500 MS/s
sampling rate, typical
10 000 waveforms in a 6 ms burst, at 1 GS/s sampling rate, typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com