| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G4FUSECLIP bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
G4FUSECLIP bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 6 page ![]() OPTO 22 • 800-321-6786 • 1-951-695-3000 • www.opto22.com • sales@opto22.com © 2002–2019 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations. PAGE 3 DATA SHEET Form 0489-191230 FUSES FOR OPTO 22 RACKS Opto 22 PN Description Fuse G4PB16 G4 16-channel I/O Module Rack FUSEG4B G4PB16H G4 16-channel Rack with Header Connector FUSE01B (logic) FUSEG4B (I/O) G4PB16HC G4 16-channel Rack with Header Connector and Extra Terminal Strip FUSE01B (logic) FUSEG4B (I/O) G4PB16I G4 16-channel I/O Module Rack Isolated Control FUSEG4B G4PB16J G4 DC Input 4–16 VDC 16-channel Integral FUSE01G4B G4PB16K G4 DC Input 16–28 VDC 16-channel Integral FUSE01G4B G4PB16L G4 DC Output 5–60 VDC 16-channel Integral FUSE01G4B G4PB16T G4 16-channel I/O Module Rack Extra Terminal Strip FUSEG4B G4PB24 G4 24-channel I/O Module Rack FUSEG4B G4PB32DEC G4 32-channel I/O Module Rack FUSEG4B G4PB32H G4 32-channel Rack with Header Connector for B4 Brain FUSE02B (logic) FUSEG4B (I/O) G4PB32JY-IN G4 32 Point Rack Inputs JYC-systems FUSE01G4B (logic) FUSEG4B (I/O) G4PB32JY-OUT G4 32 Point Rack JYC-systems FUSE01G4B (logic) FUSEG4B (I/O) G4PB4 G4 4-channel I/O Module Rack FUSEG4B G4PB4R G4 4-channel Output Mod- ule Rack FUSEG4B G4PB8 G4 8-channel I/O Module Rack FUSEG4B G4PB8H G4 8-channel Rack with Header Connector FUSE01B (logic) FUSEG4B (I/O) G4PB16FB1 Foxboro G4PB16 Single Wetting FUSE01B (logic) FUSEG4B (I/O) G4PB16FB2 Foxboro G4PB16 Dual Wetting FUSE01B (logic) FUSEG4B (I/O) PB16A 16-channel I/O Module Rack FUSE05B PB16AH 16-channel Analog Mount- ing Rack FUSE02B PB16C 16-channel I/O Module Rack Extra Terminal Strip FUSE05B PB16H 16-channel Rack with Header Connector FUSE01B (logic) FUSE05B (I/O) PB16HC 16-channel Rack with Header Connector and Extra Terminal Strip FUSE01B (logic) FUSE05B (I/O) PB16HQ Quad 4-module Position Rack FUSE01B (logic) FUSE05B (I/O) PB16J DC Input 4–16 VDC 16-channel Integral FUSE01B PB16K DC Input 16–28 VDC 16-channel Integral FUSE01B PB16L DC Output 5–60 VDC 16-channel Integral FUSE01B PB16P1 Pamux 1 FUSE01B (logic) FUSE05B (I/O) PB16T 16-channel I/O Module Rack FUSE05B PB24 24-channel I/O Module Rack FUSE01B (logic) FUSE05B (I/O) PB24HQ Quad 6-module Position Rack with Header Connector FUSE01B (logic) FUSE05B (I/O) PB24Q Quad 6-module Position Rack FUSE01B (logic) FUSE05B (I/O) PB32DEC Quad 8-module Position Rack FUSE01B (logic) FUSE05B (I/O) PB32HQ Quad 8-module Rack with Header Connector for B4 Brain FUSE02B (logic) FUSE05B (I/O) PB32P2 Pamux 2 FUSE02B (logic) FUSE05B (I/O) PB4 4-channel I/O Module Rack FUSE05B PB4H 4-channel Rack with header Connector FUSE01B (logic) FUSE05B (I/O) PB4R 4-channel Output Module Rack FUSE05B PB8 8-channel I/O Module Rack FUSE05B PB8H 8-channel Rack with Header Connector FUSE05B SNAP-AIMA-HDB Breakout Board for SNAP-AIMA-32 Analog Input Module SNAP-FUSE1AC SNAP-AIMA-HDB- FM Breakout Board for SNAP-AIMA-32 Analog Input Module, FM-apprv. SNAP-FUSE1AC SNAP-B12M 12-module Rack SNAP-FUSE4AB SNAP-B12MC 12-module Rack with Extra Terminal Block for Field Wiring SNAP-FUSE4AB Opto 22 PN Description Fuse |