công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

93AA86CTIPG bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện 93AA86CTIPG
Giải thích chi tiết về linh kiện  16K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA86CTIPG bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button 93AA86CTIPG Datasheet HTML 9Page - Microchip Technology 93AA86CTIPG Datasheet HTML 10Page - Microchip Technology 93AA86CTIPG Datasheet HTML 11Page - Microchip Technology 93AA86CTIPG Datasheet HTML 12Page - Microchip Technology 93AA86CTIPG Datasheet HTML 13Page - Microchip Technology 93AA86CTIPG Datasheet HTML 14Page - Microchip Technology 93AA86CTIPG Datasheet HTML 15Page - Microchip Technology 93AA86CTIPG Datasheet HTML 16Page - Microchip Technology 93AA86CTIPG Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21797G-page 13
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
3.6
Program Enable (PE)
This pin allows the user to enable or disable the ability
to write data to the memory array. If the PE pin is tied
to VCC, the device can be programmed. If the PE pin is
tied to VSS, programming will be inhibited. This pin
cannot be floated, it must be tied to VCC or VSS. PE is
not available on 93XX86A or 93XX86B. On those
devices, programming is always enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28