công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SC5177 bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện 2SC5177
Giải thích chi tiết về linh kiện  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5177 bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  2SC5177 Datasheet HTML 1Page - Renesas Technology Corp 2SC5177 Datasheet HTML 2Page - Renesas Technology Corp 2SC5177 Datasheet HTML 3Page - Renesas Technology Corp 2SC5177 Datasheet HTML 4Page - Renesas Technology Corp 2SC5177 Datasheet HTML 5Page - Renesas Technology Corp 2SC5177 Datasheet HTML 6Page - Renesas Technology Corp 2SC5177 Datasheet HTML 7Page - Renesas Technology Corp 2SC5177 Datasheet HTML 8Page - Renesas Technology Corp 2SC5177 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SILICON TRANSISTOR
FEATURES
•
Low Current Consumption and High Gain
|S21e|2 = 9.0 dB TYP. @ VCE = 2 V, IC = 7 mA, f = 2 GHz
|S21e|2 = 8.5 dB TYP. @ VCE = 1 V, IC = 5 mA, f = 2 GHz
•
Mini-Mold package
EIAJ: SC-59
ORDERING INFORMATION
PART
QUANTITY
ARRANGEMENT
NUMBER
2SC5177-T1
3 000 units/reel
2SC5177-T2
3 000 units/reel
Remark Contact your NEC sales representatives to order samples
for evaluation (available in batches of 50).
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
5V
Collector to Emitter Voltage
VCEO
3V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
10
mA
Total Power Dissipation
PT
30
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
2SC5177
Document No. P12101EJ2V0DS00 (2nd edition)
(Previous No. TC-2474)
Date Published
November 1996 N
Printed in Japan
©
1994
DATA SHEET
NPN EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE
FOR LOW-NOISE MICROWAVE AMPLIFICATION
PACKAGE DIMENSIONS
(Units: mm)
CAUTION; This transistor uses high-frequency technology. Be careful not to allow excessive current to flow through the transistor, including static electricity.
Embossed tape, 8 mm wide, pin
No. 3 (collector) facing the
perforations
Embossed tape, 8 mm wide, pins
No. 1 (emitter) and No. 2 (base)
facing the perforations
Marking
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
2
1
2.8±0.2
1.5
0.65
+0.1
–0.15
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com