công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT49LL080-33TC bảng dữ liệu(PDF) 4 Page - ATMEL Corporation

tên linh kiện AT49LL080-33TC
Giải thích chi tiết về linh kiện  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080-33TC bảng dữ liệu(HTML) 4 Page - ATMEL Corporation

  AT49LL080-33TC Datasheet HTML 1Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 2Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 3Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 4Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 5Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 6Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 7Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 8Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
AT49LL080
3273C–FLASH–5/03
GPI[4:0]
INPUT
X
GENERAL PURPOSE INPUTS: These individual inputs can be used for
additional board flexibility. The state of these pins can be read through LPC
registers. These inputs should be at their desired state before the start of the
PCI clock cycle during which the read is attempted, and should remain at the
same level until the end of the read cycle. They may only be used for 3.3V
signals. Unused GPI pins must not be floated.
A/A Mux = A[10:6]
TBL
INPUT
X
TOP SECTOR LOCK: When low, prevents programming or sector erase to the
highest addressable sector (15), regardless of the state of the lock registers
TBL high disables hardware write protection for the top sector, though register-
based protection still applies. The status of TBL does not affect the status of
sector-locking registers.
A/A Mux = A4
WP
INPUT
X
WRITE-PROTECT: When low, prevents programming or sector erase to all but
the highest addressable sectors (0 - 14), regardless of the state of the
corresponding lock registers. WP-high disables hardware write protection for
these sectors, though register-based protection still applies. The status of TBL
does not affect the status of sector-locking registers.
A/A Mux = A5
A0 - A10
INPUT
X
LOW-ORDER ADDRESS INPUTS: Inputs for low-order addresses during read
and write operations. Addresses are internally latched during a write cycle. For
the A/A Mux interface these addresses are latched by R/C and share the same
pins as the high-order address inputs.
I/O0 - I/O7
I/O
X
DATA INPUT/OUTPUTS: These pins receive data and commands during write
cycles and transmit data during memory array and identifier code read cycles.
Data pins float to high-impedance when the chip is deselected or outputs are
disabled. Data is internally latched during a write cycle.
OE
INPUT
X
OUTPUT ENABLE: Gates the device’s outputs during a read cycle.
R/C
INPUT
X
ROW-COLUMN ADDRESS SELECT: For the A/A Mux interface, this pin
determines whether the address pins are pointing to the row addresses,
A0 - A10, or to the column addresses, A11 - A19.
WE
INPUT
X
WRITE ENABLE: Controls writes to the array sectors. Addresses and data are
latched on the rising edge of the WE pulse.
V
PP
SUPPLY
X
X
SECTOR ERASE/PROGRAM POWER SUPPLY: For erasing array sectors or
programming data 0V < V
PP < 3.6V or 12V for faster erase and programming
operations. The VPP pin can be left unconnected. Sector erase or program with
an invalid V
PP (see DC Characteristics) produces spurious results and should
not be attempted. V
PP may only be held at 12V for 80 hours over the lifetime of
the device.
V
CC
SUPPLY
X
X
DEVICE POWER SUPPLY: Internal detection automatically configures the
device for optimized read performance. Do no float any power pins. With V
CC ≤
V
LKO, all write attempts to the flash memory are inhibited. Device operations at
invalid V
CC voltages (see DC Characteristics) produce spurious results and
should not be attempted.
GND
SUPPLY
X
X
GROUND: Do not float any ground pins.
V
CCa
SUPPLY
X
X
ANALOG POWER SUPPLY: This supply should share the same system supply
as V
CC.
Table 1. Pin Description (Continued)
Symbol
Type
Interface
Name and Function
LPC
A/A Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com