công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F1007EDXXXSP bảng dữ liệu(PDF) 205 Page - Renesas Technology Corp

tên linh kiện R5F1007EDXXXSP
Giải thích chi tiết về linh kiện  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1007EDXXXSP bảng dữ liệu(HTML) 205 Page - Renesas Technology Corp

Back Button R5F1007EDXXXSP Datasheet HTML 199Page - Renesas Technology Corp R5F1007EDXXXSP Datasheet HTML 200Page - Renesas Technology Corp R5F1007EDXXXSP Datasheet HTML 201Page - Renesas Technology Corp R5F1007EDXXXSP Datasheet HTML 202Page - Renesas Technology Corp R5F1007EDXXXSP Datasheet HTML 203Page - Renesas Technology Corp R5F1007EDXXXSP Datasheet HTML 204Page - Renesas Technology Corp R5F1007EDXXXSP Datasheet HTML 205Page - Renesas Technology Corp R5F1007EDXXXSP Datasheet HTML 206Page - Renesas Technology Corp R5F1007EDXXXSP Datasheet HTML 207Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 205 / 207 page
background image
C - 5
Rev.
Date
Description
Page
Summary
3.41
Jan 31, 2020
201
Addition of figure in 4.9 48-pin Package
206
Addition of figure in 4.11 64-pin Package
210
Addition of figure in 4.12 80-pin Package
212
Addition of figure in 4.13 100-pin Package
3.50
Jun 30, 2020
1
Modification of description in 1.1 Features
3
Modification of Figure 1-1 Part Number, Memory Size, and Package of
RL78/G13
4 to 11
Modification of Table 1-1 List of Ordering Part Numbers
12
Addition of packaging specifications in 1.3.1 20-pin products
173
Addition of package drawing in 4.1 20-pin Package
182
Addition of package drawing in 4.7 40-pin Package
188
Addition of package drawing in 4.9 48-pin Package
All trademarks and registered trademarks are the property of their respective owners.
SuperFlash is a registered trademark of Silicon Storage Technology, Inc. in several countries including the United
States and Japan.
Caution: This product uses SuperFlash® technology licensed from Silicon Storage Technology, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com