| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F101CF bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F101CF bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp |
|
3 / 207 page ![]() RL78/G13 1. OUTLINE R01DS0131EJ0350 Rev.3.50 3 of 200 Jun 30, 2020 1.2 List of Part Numbers Figure 1-1. Part Number, Memory Size, and Package of RL78/G13 F : Flash memory 100 : Data flash is provided 101 : Data flash is not provided Note2 RL78/G13 group ROM capacity: Package type: Renesas MCU Renesas semiconductor product Pin count: Fields of application: Memory type: Packaging specifications #U0, #00, #20 : Tray (HWQFN, VFBGA, WFLGA) #V0, #10, #30 : Tray (LFQFP, LQFP, TSSOP20, LSSOP20, LSSOP30) #W0, #40 : Embossed Tape (HWQFN, VFBGA, WFLGA) #X0, #50 : Embossed Tape (LFQFP, LQFP, TSSOP, LSSOP) SM: TSSOP, 0.65-mm pitch SP : LSSOP, 0.65-mm pitch FP : LQFP, 0.80-mm pitch FA : LQFP, 0.65-mm pitch FB : LFQFP, 0.50-mm pitch NA : HWQFN, 0.50-mm pitch LA : WFLGA, 0.50-mm pitch Note1 BG : VFBGA, 0.40-mm pitch Note1 ROM number (Omitted with blank products) A : Consumer applications, operating ambient temperature : -40°C to +85°C D : Industrial applications, operating ambient temperature : -40°C to +85°C G : Industrial applications, operating ambient temperature : -40°C to +105°C A : 16 KB C : 32 KB D : 48 KB E : 64 KB F : 96 KB G : 128 KB H : 192 KB J : 256 KB K : 384 KB Note2 L : 512 KB Note2 6 : 20-pin 7 : 24-pin 8 : 25-pin Note1 A : 30-pin B : 32-pin C : 36-pin Note1 E : 40-pin F : 44-pin G : 48-pin J : 52-pin L : 64-pin M : 80-pin P : 100-pin S : 128-pin Note2 R 5 F 1 0 0 L E A x x x F B #V0 Ordering part number Product name Notes 1. Products only for “A: Consumer applications (TA = –40 to +85°C)”, and "G: Industrial applications (TA = –40 to +105°C)" 2. Products only for “A: Consumer applications (TA = –40 to +85°C)”, and "D: Industrial applications (TA = –40 to +85°C)" <R> <R> |