công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMW136 bảng dữ liệu(PDF) 18 Page - Silicon Laboratories

tên linh kiện AMW136
Giải thích chi tiết về linh kiện  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW136 bảng dữ liệu(HTML) 18 Page - Silicon Laboratories

Back Button AMW136 Datasheet HTML 14Page - Silicon Laboratories AMW136 Datasheet HTML 15Page - Silicon Laboratories AMW136 Datasheet HTML 16Page - Silicon Laboratories AMW136 Datasheet HTML 17Page - Silicon Laboratories AMW136 Datasheet HTML 18Page - Silicon Laboratories AMW136 Datasheet HTML 19Page - Silicon Laboratories AMW136 Datasheet HTML 20Page - Silicon Laboratories AMW136 Datasheet HTML 21Page - Silicon Laboratories AMW136 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Regulatory Certification
ADS-MWx36-102R • AMWx36 Datasheet
Page |13
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
7 Regulatory Certification
The AMWx36 module has been certified for operation in
various regulatory domains. This section outlines
certification information specific to the following
countries and regions:
 United States
 Canada
 Europe
 Australia
 New Zealand
 Japan
The certifications listed in this section are valid at the
time of publication. For up-to-date information refer to
Zentri documentation online at:
https://docs.zentri.com.
All AMWx36 test reports are available on the Zentri
website:
https://docs.zentri.com/zentri/docresources#amw036
Should you require regulatory certification for the
AMWx36 module in a country or region not listed, please
contact your local Zentri sales office or create a support
request
via
our
website
at
https://www.silabs.com/about-us/contact-us.
7.1 United States
The Zentri AMWx36 module has received Federal
Communications
Commission
(FCC)
CFR47
Telecommunications, Part 15 Sub-part C “Intentional
Radiators” modular approval in accordance with Part
15.212 Modular Transmitter approval. Modular approval
allows the end user to integrate the AMWx36 module
into a finished product without obtaining subsequent
and separate FCC approvals for intentional radiation,
provided no changes or modifications are made to the
module circuitry. Changes or modifications could void
the user’s authority to operate the equipment. The end
user must comply with all of the instructions provided by
the Grantee which indicate installation and/or operating
conditions necessary for compliance.
The finished product is required to comply with all
applicable FCC equipment authorization, regulations,
requirements, and equipment functions not associated
with the transmitter module portion. For example,
compliance must be demonstrated to regulations for
other transmitter components within the host product;
to requirements for unintentional radiators (Part 15 Sub-
part B “Unintentional Radiators”), such as digital devices,
computer peripherals, radio receivers, etc.; and to
additional
authorization
requirements
for
non-
transmitter functions on the transmitter module (i.e.
Verification, or Declaration of Conformity) (e.g.,
transmitter modules may also contain digital logic
functions) as appropriate.
7.1.1 Labeling and User Information
Requirements
The AMWx36 module has been labelled with a unique
FCC ID number, and if the FCC ID is not visible when the
module is installed inside another device, then the
outside of the finished product into which the module is
installed must also display a label referring to the
enclosed module. This exterior label can use wording as
follows:
Contains FCC ID: 2ABPY-B5BD9
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28