| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMW036 bảng dữ liệu(PDF) 4 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
AMW036 bảng dữ liệu(HTML) 4 Page - Silicon Laboratories |
|
4 / 28 page ![]() AMWx36 Datasheet ADS-MWx36-102R • AMWx36 Datasheet Page |iv © 2014-2019 Zentri http://www.zentri.com June 26, 2019 ZentriOS-W/ZentriOS-WZ Firmware Features The ZentriOS-W/ZentriOS-WZ firmware supplied with the AMWx36 provides a wide range of features beyond the underlying hardware, and supports application development via its command API. For complete documentation of ZentriOS-W, see: https://docs.zentri.com/zentrios/w/latest/ The AMW136 supports ZentriOS-WZ firmware, which adds support for developing ZentriOS apps (ZAPs). For complete documentation of ZentriOS-WZ, see: https://docs.zentri.com/zentrios/wz/latest/ Software APIs ZentriOS-W command API ZentriOS-WZ command API ZentriOS-WZ SDK and native API Interfaces Serial (UART, remote terminal) SoftAP and WLAN client (concurrent) I2C master SPI master Servers TCP/TLS, UDP, HTTP(S), DHCP, DNS HTTP(S) Server with RESTful API and Websockets Fully customizable mobile responsive Web application with JavaScript and Python libraries Clients TCP/TLS, UDP, NTP, Secure-SMTP, DHCP, DNS HTTP(S) client Websocket client Setup Multiple Wi-Fi setup options, including via serial command and Web setup with SoftAP Peripherals and Sensors GPIOs for control, indication and monitoring I2C-master API for interfacing to external peripherals SPI-master API for interfacing to external peripherals Automated broadcast and streaming of sensor data Local caching of sensor data Update and Recovery Wireless OTA (Over-the-Air) update to remote manage firmware using the Zentri DMS (Device Management Service) System Management System configuration and monitoring via setting and getting a wide range of variables Configurable power states Sleep/wake timers File System Read/write file system with appendable log files Storage of large files Optional additional bulk serial flash HTTP download to file system, HTTP upload from file system |