công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FD-41S bảng dữ liệu(PDF) 12 Page - List of Unclassifed Manufacturers

tên linh kiện FD-41S
Giải thích chi tiết về linh kiện  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

FD-41S bảng dữ liệu(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FD-41S Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-41S Datasheet HTML 9Page - List of Unclassifed Manufacturers FD-41S Datasheet HTML 10Page - List of Unclassifed Manufacturers FD-41S Datasheet HTML 11Page - List of Unclassifed Manufacturers FD-41S Datasheet HTML 12Page - List of Unclassifed Manufacturers FD-41S Datasheet HTML 13Page - List of Unclassifed Manufacturers FD-41S Datasheet HTML 14Page - List of Unclassifed Manufacturers FD-41S Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-41S Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
150
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Thru-beam type (One pair set)
Fibers are listed in alphabetic order. Refer to p.5~ for details of each fiber.
Model No.
Sensing range (mm in) (Note 1)
Dimensions
FX-301B / 311B
FX-301G / 311G
FX-301H (Note 2)
LONG
STD
FAST
LONG
STD
FAST
LONG
STD
FAST
FT-140
8,100 318.898 4,000 157.480 3,100 122.047 5,000 196.850 2,400 94.488 1,600 62.992 3,700 145.669 2,000 78.740 1,400 55.118
P.51
FT-30
55 2.165
28 1.102
18 0.709
28 1.102
13 0.512
9 0.354
25 0.984
13 0.512
9 0.354
P.51
FT-31
50 1.969
25 0.984
16 0.630
24 0.945
12 0.472
8 0.315
23 0.906
11 0.433
8 0.315
P.51
FT-31S
50 1.969
25 0.984
16 0.630
24 0.945
12 0.472
8 0.315
23 0.906
11 0.433
8 0.315
P.51
FT-31W
31 1.220
15 0.591
10 0.394
15 0.591
8 0.315
5 0.197
18 0.709
8 0.315
5 0.197
P.51
FT-40
155 6.102
76 2.992
45 1.772
90 3.543
40 1.575
26 1.024
80 3.150
43 1.693
27 1.063
P.51
FT-42
150 5.906
75 2.953
40 1.575
80 3.150
35 1.378
24 0.945
75 2.953
40 1.575
25 0.984
P.51
FT-42S
150 5.906
75 2.953
40 1.575
70 2.756
35 1.378
24 0.945
75 2.953
40 1.575
25 0.984
P.51
FT-42W
110 4.331
50 1.969
30 1.181
56 2.205
28 1.102
20 0.787
64 2.520
32 1.260
21 0.827
P.51
FT-43
220 8.661
110 4.331
75 2.953
120 4.724
61 2.402
43 1.693
140 5.512
74 2.913
48 1.890
P.51
FT-45X
130 5.118
65 2.559
45 1.772
70 2.756
34 1.339
25 0.984
160 6.299
79 3.110
53 2.087
P.52
FT-A11
880 34.646
420 16.535
270 10.630
430 16.929
220 8.661
120 4.724
500 19.685
220 8.661
120 4.724
P.52
FT-A11W
820 32.283
420 16.535
280 11.024
460 18.110
220 8.661
140 5.512
520 20.472
240 9.449
140 5.512
P.52
FT-A32
1,800 70.866
710 27.953
400 15.748
970 38.189
320 12.598
180 7.087
910 35.827
340 13.386
150 5.906
P.52
FT-A32W
2,000 78.740
830 32.677
420 16.535 1,000 39.370
350 13.780
180 7.087
910 35.827
340 13.386
150 5.906
P.52
FT-AL05
100 3.937
48 1.890
32 1.260
56 2.205
27 1.063
18 0.709
54 2.126
27 1.063
18 0.709
P.52
FT-E13
2 0.079
1 0.039
–
1 0.039
–
–
2 0.079
1 0.039
–
P.52
FT-E23
8 0.315
4 0.157
3 0.118
4 0.157
2 0.079
1 0.039
10 0.394
5 0.197
3 0.118
P.52
FT-H13-FM2
72 2.835
36 1.417
26 1.024
32 1.260
16 0.630
10 0.394
70 2.756
35 1.378
25 0.984
P.52
FT-H20-J20-S (Note 3)
60 2.362
20 0.787
–
35 1.378
–
–
20 0.787
–
–
P.53
FT-H20-J30-S (Note 3)
60 2.362
20 0.787
–
35 1.378
–
–
20 0.787
–
–
P.53
FT-H20-J50-S (Note 3)
60 2.362
20 0.787
–
35 1.378
–
–
20 0.787
–
–
P.53
FT-H20-M1
100 3.937
50 1.969
35 1.378
50 1.969
25 0.984
18 0.709
550 21.654
280 11.024
160 6.299
P.53
FT-H20-VJ50-S (Note 3)
85 3.346
30 1.181
–
50 1.969
–
–
30 1.181
–
–
P.53
FT-H20-VJ80-S (Note 3)
85 3.346
30 1.181
–
50 1.969
–
–
30 1.181
–
–
P.53
FT-H20W-M1
44 1.732
22 0.866
14 0.551
22 0.866
11 0.433
7 0.276
220 8.661
100 3.937
70 2.756
P.53
FT-H30-M1V-S (Note 4)
40 1.575
20 0.787
–
20 0.787
–
–
20 0.787
–
–
P.53
FT-H35-M2
100 3.937
50 1.969
35 1.378
50 1.969
25 0.984
18 0.709
550 21.654
280 11.024
160 6.299
P.53
FT-H35-M2S6
100 3.937
50 1.969
35 1.378
50 1.969
25 0.984
18 0.709
550 21.654
280 11.024
160 6.299
P.53
FT-HL80Y
80 3.150
40 1.575
25 0.984
110 4.331
55 2.165
40 1.575 1,100 43.307
550 21.654
350 13.780
P.53
FT-KS40
740 29.134
280 11.024
220 8.661
420 16.535
180 7.087
81 3.189
460 18.110
190 7.480
95 3.740
P.54
FT-KV26
81 3.189
36 1.417
21 0.827
44 1.732
8 0.315 –
53 2.087
19 0.748 –
P.54
FT-KV40
710 27.953
270 10.630
210 8.268
420 16.535
180 7.087
100 3.937
290 11.417
120 4.724
53 2.087
P.54
FT-KV40W
860 33.858
400 15.748
260 10.236
420 16.535
210 8.268
140 5.512
490 19.291
240 9.449
140 5.512
P.54
FT-L80Y
160 6.299
80 3.150
50 1.969
160 6.299
80 3.150
50 1.969
400 15.748
200 7.874
150 5.906
P.54
FT-R31
45 1.772
23 0.906
15 0.591
24 0.945
12 0.472
8 0.315
23 0.906
11 0.433
8 0.315
P.54
FT-R40
110 4.331
54 2.126
36 1.417
55 2.165
26 1.024
20 0.787
58 2.283
30 1.181
20 0.787
P.54
FT-R41W
110 4.331
50 1.969
30 1.181
56 2.205
28 1.102
20 0.787
64 2.520
32 1.260
21 0.827
P.54
FT-R42W
280 11.024
130 5.118
90 3.543
140 5.512
70 2.756
47 1.850
140 5.512
70 2.756
47 1.850
P.54
SENSING RANGE OF BLUE LED / GREEN LED / INFRARED LED
Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
2) Because infrared types are easily affected by humidity, please ask assistance when using them in a humid environment or in an environment with
varying humidity.
3) Heat-resistant joint fibers and ordinary-temperature fibers (
FT-42) are sold as a set.
4) Sold as a set comprising vacuum type fiber + photo-terminal (
FV-BR1) + fiber at atmospheric side (FT-J8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28